| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SWRU281 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWRU281 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 21 page ![]() A www.ti.com SWRU281A Page 7 of 20 5 Getting Started With the PurePath Wireless Headset Kit The CC85xx Headset boards are pre-programmed in production. This pre-programmed firmware can be found in the example project “CC85XXDK-HEADSET Preloaded Demo” in the PurePath Wireless Configurator [4]. The boards are labeled with MASTER and SLAVE stickers, and instructions on how to pair them and start the audio streaming can be found in the CC85XXDK- HEADSET Quick Start Guide [2]. Please note that when purchasing CC85xx devices they come un-programmed from production. Figure 2 shows the main components of the CC85xx Headset board. Figure 2. Photo of the CC85xx Headset board The pre-programmed firmware on the two CC85xx Headset boards demonstrates a stereo input base station (labeled MASTER) streaming audio to a stereo headphone (labeled SLAVE). The main features of this pre-programmed application are: • Uncompressed audio (PCM16) • 44.1 kHz sample rate |