Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PC16552DV/NOPB Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza PC16552DV/NOPB
Descripción Electrónicos  PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

PC16552DV/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  PC16552DV/NOPB Datasheet HTML 1Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 2Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 3Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 4Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 5Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 6Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 7Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 8Page - Texas Instruments PC16552DV/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLC9426
June 1995
PC16552D
Dual Universal Asynchronous
ReceiverTransmitter with FIFOs
General Description
The PC16552D is a dual version of the PC16550D Universal
Asynchronous ReceiverTransmitter (UART) The two serial
channels are completely independent except for a common
CPU interface and crystal input On power-up both channels
are functionally identical to the 16450
Each channel can
operate with on-chip transmitter and receiver FIFOs (FIFO
mode) to relieve the CPU of excessive software overhead
In FIFO mode each channel is capable of buffering 16 bytes
(plus 3 bits of error data per byte in the RCVR FIFO) of data
in both the transmitter and receiver All the FIFO control
logic is on-chip to minimize system overhead and maximize
system efficiency
Signalling for DMA transfers is done through two pins per
channel (TXRDY and RXRDY) The RXRDY function is mul-
tiplexed on one pin with the OUT 2 and BAUDOUT func-
tions The CPU can select these functions through a new
register (Alternate Function Register)
Each channel performs serial-to-parallel conversion on data
characters received from a peripheral device or a MODEM
and parallel-to-serial conversion on data characters re-
ceived from the CPU The CPU can read the complete
status of each channel at any time Status information re-
ported includes the type and condition of the transfer opera-
tions being performed by the DUART as well as any error
conditions (parity overrun framing or break interrupt)
The DUART includes one programmable baud rate genera-
tor for each channel Each is capable of dividing the clock
input by divisors of 1 to (216 b 1) and producing a 16 c
clock for driving the internal transmitter logic Provisions are
also included to use this 16 c clock to drive the receiver
logic The DUART has complete MODEM-control capability
and a processor-interrupt system Interrupts can be pro-
grammed to the user’s requirements minimizing the com-
puting required to handle the communications link
The DUART is fabricated using National Semiconductor’s
advanced M2CMOSTM
Features
Y
Dual independent UARTs
Y
Capable of running all existing 16450 and PC16550D
software
Y
After reset all registers are identical to the 16450 reg-
ister set
Y
Read and write cycle times of 84 ns
Y
In the FIFO mode transmitter and receiver are each
buffered with 16-byte FIFOs to reduce the number of
interrupts presented to the CPU
Y
Holding and shift registers in the 16450 Mode eliminate
the need for precise synchronization between the CPU
and serial data
Y
Adds or deletes standard asynchronous communication
bits (start stop and parity) to or from the serial data
Y
Independently controlled transmit receive line status
and data set interrupts
Y
Programmable baud generators divide any input clock
by1to(216 b 1) and generate the 16 c clock
Y
MODEM control functions (CTS RTS DSR DTR RI
and DCD)
Y
Fully programmable serial-interface characteristics
5- 6- 7- or 8-bit characters
Even odd or no-parity bit generation and detection
1- 1
- or 2-stop bit generation
Baud generation (DC to 15M baud) with 16 c clock
Y
False start bit detection
Y
Complete status reporting capabilities
Y
TRI-STATE
TTL drive for the data and control buses
Y
Line break generation and detection
Y
Internal diagnostic capabilities
Loopback controls for communications link fault
isolation
Break parity overrun framing error simulation
Y
Full prioritized interrupt system controls
Can also be reset to 16450 Mode under software control
Note This part is patented
TRI-STATE
is a registered trademark of National Semiconductor Corporation
M2CMOSTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24