Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS3668 Datasheet(PDF) 38 Page - ams AG

No. de pieza AS3668
Descripción Electrónicos  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 38 Page - ams AG

Back Button AS3668 Datasheet HTML 34Page - ams AG AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
38 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 48. Application Proposal GPIO Toggle Mode
8.10.6 LED Pattern Control Registers
Table 35. PWM Control Register
0x15 PWM Control Register
Bit
Bit Name
Default
Access
Bit Description
1
pwm_dim_shape
0
R/W
This bit defines if the current sources do logarithmic or linear up/down
dimming.
0: logarithmic dimming
1: linear dimming
0
pwm_src
0
R/W
Defines the PWM source. It can either be selected the internal PWM
generator to dim the current sources or us the pin GPIO/AUDIO_IN as PWM
input.
0: internal PWM generator
1: external PWM input selected (GPIO/AUDIO_IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60