Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2032-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2032-Q1
Descripción Electrónicos  POWER-DISTRIBUTION SWITCHES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2032-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2032-Q1 Datasheet HTML 1Page - Texas Instruments TPS2032-Q1 Datasheet HTML 2Page - Texas Instruments TPS2032-Q1 Datasheet HTML 3Page - Texas Instruments TPS2032-Q1 Datasheet HTML 4Page - Texas Instruments TPS2032-Q1 Datasheet HTML 5Page - Texas Instruments TPS2032-Q1 Datasheet HTML 6Page - Texas Instruments TPS2032-Q1 Datasheet HTML 7Page - Texas Instruments TPS2032-Q1 Datasheet HTML 8Page - Texas Instruments TPS2032-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
Current Sense
TPS2032-Q1
SLVS960 – MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
SOIC – D
Reel of 2500
TPS2032QDRQ1
2032Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
4
I
Enable input. Logic high turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output active low
OUT
6, 7, 8
O
Power-switch output
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2032-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com