Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RST2 Datasheet(PDF) 24 Page - Texas Instruments

No. de pieza RST2
Descripción Electrónicos  a Phase-Dimmable, Primary-Side Regulated LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

RST2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button RST2 Datasheet HTML 18Page - Texas Instruments RST2 Datasheet HTML 19Page - Texas Instruments RST2 Datasheet HTML 20Page - Texas Instruments RST2 Datasheet HTML 21Page - Texas Instruments RST2 Datasheet HTML 22Page - Texas Instruments RST2 Datasheet HTML 23Page - Texas Instruments RST2 Datasheet HTML 24Page - Texas Instruments RST2 Datasheet HTML 25Page - Texas Instruments RST2 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
List of Materials
www.ti.com
9
List of Materials
The EVM components list according to the schematic shown in Figure 1.
Table 3. LM3447-A19-120VEVM List of Materials
QTY
REFDES
DESCRIPTION
MFR
PART NUMBER
2
C10,C11
Capacitor ceramic, 0.1 µF, 16 V, 603
STD
STD
1
C12
Capacitor ceramic, 10 µF, 6.3 V, 805
STD
STD
1
C6
Capacitor ceramic, 1.0 µF, 1210
STD
STD
1
C7
Capacitor, 1000 pF, X1Y1, 250 V
AC
TDK
CD85-
E2GA102MYNS
1
C2
Capacitor film, 10 nF, 310 V
AC, X2
Vishay/BC
BFC233820103
1
C5
Capacitor aluminum, 470 µF 50V
Vishay/BC
MAL214651471E3
1
C4
Capacitor, 305 V
AC, 33 nF
Epcos
B32921C3333M
1
C1
Capacitor, 0.1 µF, leaded, 305 V
AC
Epcos
B32921C3104M189
1
C3
Capacitor, 0.22 µF, 250 V
Vishay
FK20X7R2E224K
1
D2
Bridge rectifier, 400 V, 0.8 A, HD04
Diodes, Inc
HD04
2
D5, D6
Diode, small signal, 250 mA, SOD-323
Micro Commercial
BAV19WS-TP
1
D3
Diode, SMD ultrafast rectifier 1 A, 600 V
Micro Commercial
UFM15PL-TP
1
D4
Diode, super fast rectifier,
Diodes, Inc
ES1D
1
D7
Diode, Zener, 3.9 V, 200 mW, SOD-323
On Semi
MM3Z23V9T1G
1
D1
Diode, SMT TVS 400 W, 160 V
Littlefuse
SMAJ160A
1
F1
Fuse, slow, 250 V
AC, 2 A, radial
Bel Fuse inc
RST2
2
L1,L2
Inductor, EMI, 140 mA, 3.3 mH
TDK
TSL0808RA-
333KR17-P
1
MOV1
MOV, V
MAX, 242 VDC, VMIN 198 VDC
Littelfuse Inc
V140LA2P
1
R14
Resistor, chip, 10
Ω, 1/16 W, 603
STD
STD
1
R13
Resistor, chip, 118 k
Ω, 1/16 W, 603
STD
STD
1
R9
Resistor, chip, 220 k
Ω, 1/16 W, 603
STD
STD
1
R10
Resistor, chip, 23.7 k
Ω, 1/16 W, 603
STD
STD
1
R12
Resistor, chip, 280 k
Ω, 1/16W, 603
STD
STD
2
R3,R4
Resistor, chip, 430 k
Ω, 0.25 W, 1%
Vishay Dale
HVR2500004303F,
R500
1
R1
Resistor, Fusible, 22
Ω, 2 W, 5%
EMC-22RKI
Welwyn
1
R7
Resistor, chip, 10
Ω, 1/10 W, ±5% 805
STD
STD
1
R5
Resistor, chip, 100
Ω, 1/10 W, ±5% 805
STD
STD
1
R8
Resistor, chip, 5.1 k
Ω, 1/10 W, ±5% 805
STD
STD
DNP
R15,R16
Resistor, chip, 10 k
Ω, 1/4 W, ± 5% 1206
STD
STD
1
R6
Resistor, chip, 22 k
Ω, 1/4 W, ±5% 1206
STD
STD
1
R11
Resistor, chip, 0.2
Ω, 1/2 W, 1210
Vishay Dale
RCWL1210R200JNE
A
1
R8
Resistor, chip, 470
Ω, 1.5 W, 5%, 2512
Vishay Dale
CRCW2512470RJ,
NEGHP
1
RT1
"Thermistor, NTC, 100 k
Ω, 0805
Murata
NCP21WF104J03RA
1
Q2
MOSFET, N-channel, 650 V, 7 A, 600 m
Ω, DPAK
ST Micro
STD8N65M5
1
Q1
MOSFET, 450 V, 600 mA, 2 W
ST Micro
STQ3N45K3-AP
1
U1
Dimmable LED Controller TSSOP
TI
LM3447MT
T1
EE16, 1.3 mH, 4.17:1
Wurth
750813049
24
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
SLUU937 – May 2012
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com