| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM48L930 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RM48L930 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 147 page ![]() RM48L930 RM48L730 RM48L530 www.ti.com SPNS176 – SEPTEMBER 2011 2.4.2.18 No Connects Table 2-37. No Connects Terminal Signal Default Pull Type Description Type Pull State Signal Name 337 ZWT NC D6 - - - No Connects. These balls are not connected to any NC D7 - - - internal logic and can be NC D8 - - - connected to the PCB ground without affecting NC D9 - - - the functionality of the NC D10 - - - device. Any other ball marked as NC D11 - - - "NC" may be internally NC D12 - - - connected to some functionality. It is NC E4 - - - recommended for such NC F4 - - - balls to be left unconnected. NC G4 - - - NC K4 - - - NC L4 - - - NC M4 - - - NC N4 - - - NC N18 - - - NC P4 - NC P15 - - - NC P16 - - - NC P17 - - - NC R1 - - - NC R14 - - - NC R15 - - - NC T5 - - - NC T6 - - - NC T7 - - - NC T8 - - - NC T13 - - - NC T14 - - - NC V4 - - - NC W4 - - - Copyright © 2011, Texas Instruments Incorporated Device Package and Terminal Functions 35 Submit Documentation Feedback focus.ti.com: RM48L930 RM48L730 RM48L530 |