Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN8P1602AS Datasheet(PDF) 9 Page - SONiX Technology Company

No. de pieza SN8P1602AS
Descripción Electrónicos  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONIX [SONiX Technology Company]
Página de inicio  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 5Page - SONiX Technology Company SN8P1602AS Datasheet HTML 6Page - SONiX Technology Company SN8P1602AS Datasheet HTML 7Page - SONiX Technology Company SN8P1602AS Datasheet HTML 8Page - SONiX Technology Company SN8P1602AS Datasheet HTML 9Page - SONiX Technology Company SN8P1602AS Datasheet HTML 10Page - SONiX Technology Company SN8P1602AS Datasheet HTML 11Page - SONiX Technology Company SN8P1602AS Datasheet HTML 12Page - SONiX Technology Company SN8P1602AS Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 9
Revision 1.94
FEATURES
♦
Memory configuration
♦
Two interrupt sources
OTP ROM size: 1K * 16-bit. (SN8P1602/1603)
One internal interrupt: TC0. (SN8P1602/ 1603)
RAM size: 48 * 8-bit. (SN8P1602/1603)
One internal interrupt: TC1. (SN8P1604)
OTP ROM size: 4K * 16-bit. (SN8P1604)
One external interrupt: INT0.
RAM size: 128 * 8-bit. (SN8P1604)
♦
I/O pin configuration
(SN8P1602/1603 14 pins, SN8P1604 22 pins)
♦
One channel 8-bits PWM or Buzzer output.
(SN8P1604 only)
Input only: P0
Bi-directional: P1, P2, P5
♦
Dual clock system offers three operating modes
Wakeup: P0, P1
External high clock: RC type up to 10 MHz
Pull-up resisters: P0, P1, P2, P5 (SN8P1604 only)
External high clock: Crystal type up to 16 MHz
External interrupt: P0
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
Normal mode: Both high and low clock active
Slow mode: Low clock only
♦
One 8-bit timer counters.
(TC1 for SN8P1604, TC0 for others)
Sleep mode: Both high and low clock stop
♦
On chip watchdog timer.
♦
Four levels stack buffer.
♦
Package (Chip form support)
♦
56 powerful instructions
P-DIP18 (SN8P1602/ 1603)
Four clocks per instruction cycle
SOP18 (SN8P1602/1603)
All of instructions are one word length.
SSOP20 (SN8P1602/1603)
Most of instructions are one cycle only.
All ROM area lookup table function (MOVC)
SKDIP28 (SN8P1604)
SOP28 (SN8P1604)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94