| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TAS5518C Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5518C Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 103 page ![]() Coeff = 0 (lin), (I2C 0x4C) Coeff = 1 (lin) (I2C 0x4D) 7 DAP 1 BQ (0x51− 0x57) SDIN1-L (L) (1) SDIN1-R (R) SDIN2-L (LS) SDIN2-R (RS) SDIN3-L (LBS) SDIN3-R (RBS) SDIN4-L (C) SDIN4-R (LFE) A B C D E F G H IP Mixer 1 (I2C 0x41) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 1 Volume (0xD1) Max Vol Bass and Treble 1 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 1 (I2C 0xAA) 8 × 2 Output Mixer L to PWM1 DRC1 (0x96− 0x9C) 7 DAP 2 BQ (0x58− 0x5E) SDIN1-L (L) SDIN1-R (R) (1) SDIN2-L (LS) SDIN2-R (RS) SDIN3-L (LBS) SDIN3-R (RBS) SDIN4-L (C) SDIN4-R (LFE) A B C D E F G H IP Mixer 2 (I2C 0x42) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 2 Volume (0xD2) Max Vol Bass and Treble 1 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 2 (I2C 0xAB) 8 × 2 Output Mixer R to PWM2 DRC1 (0x96− 0x9C) 7 DAP 3 BQ (0x5F− 0x65) SDIN1-L (L) SDIN1-R (R) SDIN2-L (LS) (1) SDIN2-R (RS) SDIN3-L (LBS) SDIN3-R (RBS) SDIN4-L (C) SDIN4-R (LFE) A B C D E F G H IP Mixer 3 (I2C 0x43) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 3 Volume (0xD3) Max Vol Bass and Treble 2 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 3 (I2C 0xAC) 8 × 2 Output Mixer LS to PWM3 DRC1 (0x96− 0x9C) 7 DAP 4 BQ (0x66− 0x6C) SDIN1-L (L) SDIN1-R (R) SDIN2-L (LS) SDIN2-R (RS) (1) SDIN3-L (LBS) SDIN3-R (RBS) SDIN4-L (C) SDIN4-R (LFE) A B C D E F G H IP Mixer 4 (I2C 0x44) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 4 Volume (0xD4) Max Vol Bass and Treble 2 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 4 (I2C 0xAD) 8 × 2 Output Mixer RS to PWM4 DRC1 (0x96− 0x9C) 7 DAP 5 BQ (0x6D− 0x73) SDIN1-L (L) SDIN1-R (R) SDIN2-L (LS) SDIN2-R (RS) SDIN3-L (LBS) (1) SDIN3-R (RBS) SDIN4-L (C) SDIN4-R (LFE) A B C D E F G H IP Mixer 5 (I2C 0x45) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 5 Volume (0xD5) Max Vol Bass and Treble 3 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 5 (I2C 0xAE) 8 × 2 Output Mixer LBS to PWM5 DRC1 (0x96− 0x9C) 7 DAP 6 BQ (0x74− 0x7A) SDIN1-L (L) SDIN1-R (R) SDIN2-L (LS) SDIN2-R (RS) SDIN3-L (LBS) SDIN3-R (RBS) (1) SDIN4-L (C) SDIN4-R (LFE) A B C D E F G H IP Mixer 6 (I2C 0x46) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 6 Volume (0xD6) Max Vol Bass and Treble 3 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 6 (I2C 0xAF) 8 × 2 Output Mixer RBS to PWM6 DRC1 (0x96− 0x9C) 5 DAP 7 BQ (0x7D− 0x81) SDIN1-L (L) SDIN1-R (R) SDIN2-L (LS) SDIN2-R (RS) SDIN3-L (LBS) SDIN3-R (RBS) SDIN4-L (C) (1) SDIN4-R (LFE) A B C D E F G H IP Mixer 7 (I2C 0x47) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 7 Volume (0xD7) Max Vol Bass and Treble 1 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 7 (I2C 0xB0) 8 × 3 Output Mixer C to PWM7 DRC1 (0x96− 0x9C) 5 DAP 8 BQ (0x84− 0x88) SDIN1-L (L) SDIN1-R (R) SDIN2-L (LS) SDIN2-R (RS) SDIN3-L (LBS) SDIN3-R (RBS) SDIN4-L (C) SDIN4-R (LFE) (1) A B C D E F G H IP Mixer 8 (I2C 0x48) 8 × 8 Crossbar Input Mixer Master Vol (0xD9) DAP 8 Volume (0xD8) Max Vol Bass and Treble 4 (0xDA− 0xDD) Loud- ness (0x91− 0x95) OP Mixer 8 (I2C 0xB1) 8 × 3 Output Mixer Sub to PWM8 DRC2 (0x9D− 0xA1) 2 DAP 8 BQ (0x82− 0x83) B0014-01 Coeff = 0 (lin), (I2C 0x4F) Coeff = 1 (lin) (I2C 0x50) Coeff = 0 (lin), (I2C 0x49) Coeff = 0 (lin) (I2C 0x4A) 2 DAP 7 BQ (0x7B− 0x7C) Coeff = 0 (lin), (I2C 0x4B) Coeff = 0 (lin), (I2C 0x4E) TAS5518C 8-Channel Digital Audio PWM Processor www.ti.com SLES238A – SEPTEMBER 2008 – REVISED JULY 2009 (1) Default inputs Figure 2-1. TAS5518C DAP Architecture With I2C Registers (fS ≤ 96 kHz) Submit Documentation Feedback Description 21 Not Recommended For New Designs |