| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC6945 Datasheet(PDF) 17 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6945 Datasheet(HTML) 17 Page - Linear Technology |
|
17 / 36 page ![]() 17 2270f LTC2270 TIMING DIAGRAMS Double Data Rate LVDS Output Mode Timing All Outputs Are Differential and Have LVDS Levels tD tD tC tC tL BIT 0 A-6 BIT 1 A-6 BIT 0 A-5 BIT 1 A-5 BIT 0 A-4 BIT 1 A-4 BIT 0 A-3 BIT 1 A-3 BIT 0 A-2 BIT 14 A-6 BIT 15 A-6 BIT 14 A-5 BIT 15 A-5 BIT 14 A-4 BIT 15 A-4 BIT 14 A-3 BIT 15 A-3 BIT 14 A-2 ENC– ENC+ D1_0_1+ D1_14_15+ BIT 0 B-6 BIT 1 B-6 BIT 0 B-5 BIT 1 B-5 BIT 0 B-4 BIT 1 B-4 BIT 0 B-3 BIT 1 B-3 BIT 0 B-2 BIT 14 B-6 BIT 15 B-6 BIT 14 B-5 BIT 15 B-5 BIT 14 B-4 BIT 15 B-4 BIT 14 B-3 BIT 15 B-3 BIT 14 B-2 OF B-6 OF A-6 OF B-5 OF A-5 OF B-4 OF A-4 OF B-3 OF A-3 OF B-2 D2_0_1+ D2_14_15+ CLKOUT+ CLKOUT– OF2_1+ D1_0_1– D1_14_15– D2_0_1– D2_14_15– OF2_1– 2270 TD03 tH tAP A + 1 A + 2 A + 4 A + 3 A CH 1 ANALOG INPUT tAP B + 1 B + 2 B + 4 B + 3 B CH 2 ANALOG INPUT |