| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BFH000-1A/T Datasheet(PDF) 8 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
BFH000-1A/T Datasheet(HTML) 8 Page - Cooper Bussmann, Inc. |
|
8 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Centre Bolted Tags (Cont.../...) 415 - 550Vac / 125 - 1250A 250 - 400Vdc Specifications Description: Fuse Links for general industrial applications with Q1 fusing factor - general purpose (gG) and motor protection (gM) characteristics Applications: General Industrial & Motors applications EFS / EF / FF / GF 415V ac / 125 - 800A 550V ac (Types EF - gM, FF, FG, GF) 250V dc (Type GF) Industrial & Motor Applications to BS88 Ratings: Agency information: Meets BS88: Part 1 & 2 (1988), IEC 269: Parts 1 (1986) RoHS Compliant FG / GG / GH 550V ac / 450 - 1250A 250V dc (Type GG 710-800A only) 400V dc (Type FG) Catalogue Numbers Dimensions Catalogue Numbers Dimensions Type Rating (A) Catalogue Number Class Ref BS Fixing Centres mm Unit Packing Interrupting Rating EFS 125 EFS125 gG N/A 133 1 80kA @ 415 Vac 160 EFS160 200 EFS200 250 EFS250 315 EFS315 133/184 EF 355 EF355 gG C1 133/184 1 80kA @ 415 Vac 400 EF400 400M500 EF400M500 gM FF 450 FF400 gG C2 133/184 1 80kA @ 415 Vac 40kA @ 400Vdc 500 FF500 560 FF560 630 FF630 GF 710 GF710 gG C3 133/184 1 80kA @ 550Vac 40kA @ 250Vdc 800 GF800 1000 GF1000 1250 GF1250 Part No Dimensions (mm) A B C D E F G H J EFS315 209 184 50.0 10.5 12.5 25.4 133 38.0 4.7 EF355 & 400 EF400M500 210 184 75.0 15.5 59.0 FF 210 184 77.5 10.5 15.5 25.4 133 74.0 6.4 FG 262 231 77.5 10.5 15.5 38.0 167 74 6.4 GF 210 184 80.5 10.5 15.5 25.4 133 83.0 9.5 Type Rating (A) Catalogue Number Class Fixing Centres mm Unit Packing Interrupting Rating FG 450 FG450 gG 167/231 1 80kA @ 550Vac 40ka @ 400vdc 500 FG500 560 FG560 630 FG630 GG 710 GG710 gG 165/231 1 80kA @ 550Vdc 40kA @ 250Vdc 800 GG800 1000 GG1000 165/228.5 80kA @ 550Vdc No DC Rating 1250 GG1250 GH 710 GH710 gG 149 1 80kA @ 550Vac 800 GH800 1000 GH1000 1250 GH1250 Part No Dimensions (mm) A B C D E F G H J FG 262 231 77.5 10.5 15.5 38.0 167 74 6.4 GF 210 184 80.5 10.5 15.5 25.4 133 83.0 9.5 GG710 & 800 262 231 77.5 10.5 15.5 38.0 165 83.0 6.4 GG1000 & 1250 228.5 84.0 100 12.7 Part No Dimensions (mm) A B C D E F G H J GH710 & 800 198 149 81.0 32.0 63.5 19.0 14.0 9.5 83.0 GH1000 & 1250 100 Volts: - 415 - 550V ac / 250V dc Amps: - 2 - 1250A IR - 40kA @ 250V dc GF, GG except 1000 & 1250A - 40kA @ 400V dc FG, FF - 80kA @ 415/550V ac Data Sheets: EFS: 4121 / EF: 4120 / FF: 4102 / GF: 4103 Data Sheets: FG: 4122 / GG: 4104 / GH: 4108 9 |