| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AFE8220TPZPQ1 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AFE8220TPZPQ1 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 49 page ![]() ABSOLUTE MAXIMUM RATINGS RECOMMENDED OPERATING CONDITIONS AFE8220-Q1 SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. over operating free-air temperature range, unless otherwise noted. (1) AVDD –0.5 V to 3.6 V Supply voltage range DVDD –0.5 V to 3.6 V IOVDD –0.5 V to 3.6 V AGND to DGND –0.3 V to 0.5 V Voltage between AVDD to DVDD –3.3 V to 3.3 V Digital inputs(2) –0.3 V to DVDD + 0.3 V Digital data output –0.3 V to DVDD + 0.3 V AFE8220I –40°C to 85°C Operating free-air temperature range, TA AFE8220T –40°C to 105°C Operating junction temperature range, TJ AFE8220T –40°C to 125°C Storage temperature range, Tstg –55°C to 125°C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Measured with respect to DGND. over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT AVDD Analog supply voltage 3.14 3.3 3.6 V DVDD Digital supply voltage 1.6 1.8 2.0 V IOVDD Output driver supply voltage 1.6 3.6 V Input common-mode voltage VCM V Differential input peak-to-peak voltage range 2 V VIH High-level digital input voltage 0.7 × IOVDD V VIL Low-level digital input voltage 0.25 × IOVDD V AFE8220I –40 85 TA Operating free-air temperature °C AFE8220T –40 105 TJ Operating junction temperature AFE8220T –40 125 °C 2 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): AFE8220-Q1 |