Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC0804 Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza ADC0804
Descripción Electrónicos  ADC0801/ADC0802/ADC0803/ADC0804/ADC0805 8-Bit 關P Compatible A/D Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC0804 Datasheet HTML 9Page - Texas Instruments ADC0804 Datasheet HTML 10Page - Texas Instruments ADC0804 Datasheet HTML 11Page - Texas Instruments ADC0804 Datasheet HTML 12Page - Texas Instruments ADC0804 Datasheet HTML 13Page - Texas Instruments ADC0804 Datasheet HTML 14Page - Texas Instruments ADC0804 Datasheet HTML 15Page - Texas Instruments ADC0804 Datasheet HTML 16Page - Texas Instruments ADC0804 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Typical Applications (Continued)
Handling ±10V Analog Inputs
DS005671-70
*Beckman Instruments #694-3-R10K resistor array
Low-Cost, µP Interfaced, Temperature-to-Digital
Converter
DS005671-71
µP Interfaced Temperature-to-Digital Converter
DS005671-72
*Circuit values shown are for 0˚C
≤TA≤+128˚C
***Can calibrate each sensor to allow easy replacement, then A/D can be calibrated with a pre-set input voltage.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43