| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SIM205 Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SIM205 Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 2 page ![]() 1. 4.3” Wide QVGA 16-bit color 480×272 TFT Touch Display with 4-wire Resistive Touch 2. 100MHz 32-bit Rene- sas RX621 with 512KB Flash, 96KB RAM and FPU 3. 8MB SDRAM wired for Direct Drive of LCD panel 4. 8MB (64Mbit) Serial FLASH for program, image, and data storage 5. Baseboard connector: SPI, I2C, CAN, USB, UART, ADC, & GPIO 6. Advanced Dual Supply Dy- namic Power Path Manage- ment with charger for (op- tional) Lithium Ion Polymer battery 7. USB device port (can power whole module!) 8. Battery Backed Real Time Clock/Calendar with 1Kbit EEPROM and 64 bytes param- eter SRAM 9. Standard 14-pin debug port for Renesas E1 and compat- ible debuggers 10. D-to-A driven 750mW Class D Audio Amplifier with speaker 11. USB Embedded Host Port Up to 150mA supply 12. System Temperature Sensor 4.3” WQVGA Touch/Graphic Module Featuring the Renesas RX621 MCU with LCD Direct Drive Adding a graphic/touch interface to your product has never been faster than with Serious Integrated Mod- ules. Simply connect power and a communications port from your ex- isting system to the SIM205 and your hardware design is complete. The SIM205 is an off-the-shelf, pro- duction-worthy and prototype-friend- ly 4.3” WQVGA TFT graphic/touch module powered by the Renesas RX600 MCU and supported by exten- sive out-of-the-box software. SIM205 Hardware Features |
Número de pieza similar - SIM205 |
|
Descripción similar - SIM205 |