| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ESVC0J157M Datasheet(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
ESVC0J157M Datasheet(HTML) 1 Page - NEC |
|
1 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 Manganese dioxide type E/SV Series Standard / RoHS Compliant 30 (Unit: mm) í FEATURES b Lead-free Type. RoHS Compliant. b Offer a range of small, high-capacity models. b Succeed to the latest technology plus outstanding peformance. b Halogen free, Antimony free and Red Phosphorous free resin is applied to the exterior mold resin. í DIMENSIONS [mm] Case EIA code L W1 W2 H Z Code J – 1.6 ± 0.1 0.8 ± 0.1 0.6 ± 0.1 0.8 ± 0.1 0.3 ± 0.15 P 2012 2.0 ± 0.2 1.25 ± 0.2 0.9 ± 0.1 1.1 ± 0.1 0.5 ± 0.1 A2 (U) 3216L 3.2 ± 0.2 1.6 ± 0.2 1.2 ± 0.1 1.1 ± 0.1 0.8 ± 0.2 A 3216 3.2 ± 0.2 1.6 ± 0.2 1.2 ± 0.1 1.6 ± 0.2 0.8 ± 0.2 B3 (W) 3528L 3.5 ± 0.2 2.8 ± 0.2 2.2 ± 0.1 1.1 ± 0.1 0.8 ± 0.2 B2 (S) 3528 3.5 ± 0.2 2.8 ± 0.2 2.2 ± 0.1 1.9 ± 0.2 0.8 ± 0.2 C2 – 6.0 ± 0.2 3.2 ± 0.2 2.2 ± 0.1 1.4 ± 0.1 1.3 ± 0.2 C 6032 6.0 ± 0.2 3.2 ± 0.2 2.2 ± 0.1 2.5 ± 0.2 1.3 ± 0.2 V – 7.3 ± 0.2 4.3 ± 0.2 2.4 ± 0.1 1.9 ± 0.1 1.3 ± 0.2 D 7343 7.3 ± 0.2 4.3 ± 0.2 2.4 ± 0.1 2.8 ± 0.2 1.3 ± 0.2 ZZ H LW1 W2 [J, P, A2, A cases] [B3, B2 cases] [C2, C, V, D cases] ZZ H LW1 W2 ZZ H L W2 W1 |
Número de pieza similar - ESVC0J157M |
|
Descripción similar - ESVC0J157M |