Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UB2 Datasheet(PDF) 2 Page - NEC

No. de pieza UB2
Descripción Electrónicos  Miniature Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UB2 Datasheet(HTML) 2 Page - NEC

  UB2 Datasheet HTML 1Page - NEC UB2 Datasheet HTML 2Page - NEC UB2 Datasheet HTML 3Page - NEC UB2 Datasheet HTML 4Page - NEC UB2 Datasheet HTML 5Page - NEC UB2 Datasheet HTML 6Page - NEC UB2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Allspecificationsinthiscatalogandproductionstatusofproductsaresubjecttochangewithoutnotice.Priortothepurchase,pleasecontactNECTOKINforupdatedproductdata.
Pleaserequestforaspecificationsheetfordetailedproductdatapriortothepurchase.
Beforeusingtheproductinthiscatalog,pleaseread"Precautions"andothersafetyprecautionslistedintheprintedversioncatalog.
9600RELVOL08E1003N1
For various Communication system,
For various Automotive electronics system.
Miniature signal relays are used mainly in the field of telecommunications equipments such
as the telephone switchboards. However, they are widely used also for the home appliance
field such as home telephone, BS tuner and audio-video equipment, for the OA field such as
printer and facsimile, and for FA field such as measurement equipment. Miniature power
relays are used for various applications in automotive electronics field.
Communication equipment, measurement instrument, FA equipment, electric home
appliances and automotive electronics, and all the rest. In line with the increasing range of
functions and downsizing of the various equipments, miniature relays have to respond to the
demands of not only high performance and reliability, but also downsizing, low profile and
environment resistance.
NEC TOKIN uses the state-of-the-art technologies based on the integration of mechatronics
and electronics, and has timely released
excellent products. These are Miniature Signal
Relays and Power Relays. They are ultra miniature and lightweight, and are suitable for high
density packaging. In 2009 NEC TOKIN reached the 4 billion mark in the number of relays
shipped and is updating the record daily now.
Telephone
switchboards
Facsimile
• Test access switch
• Telephone line switch
Applications
Miniature
Signal Relays
• Telephone switchboards
• Communication terminal equipment
• FA equipment
• Security and alarm equipment
The NEC TOKIN’s Miniature Relays
have evolved in response to various
demands.
AV equipment
• Selection switch



Html Pages

1 2 3 4 5 6 7