Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC5643LFF2MMM8 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

No. de pieza SPC5643LFF2MMM8
Descripción Electrónicos  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2MMM8 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPC5643LFF2MMM8 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LFF2MMM8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
5
1.4
Block diagram
Figure 1 shows a top-level block diagram of the MPC5643L device.
Packages
Known Good Die (KGD)
Yes
LQFP
144 pins
MAPBGA
257 MAPBGA
Temperature
Temperature range (junction)
–40 to 150
°C
Ambient temperature range using external ballast
transistor (LQFP)
–40 to 125
°C
Ambient temperature range using external ballast
transistor (BGA)
–40 to 125
°C
1 The third eTimer (eTimer_2) is available with external I/O access only in the BGA package, on the LQFP package
eTimer_2 is available internally only without any external I/O access.
2 The second FlexPWM module is available only in the BGA package.
Table 1. MPC5643L device summary (continued)
Feature
MPC5643L