| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC5643LF2MLQ1 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643LF2MLQ1 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc |
|
116 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 8.1 Electrical characteristics Freescale Semiconductor 116 Figure 29. External interrupt timing 3.20.6 DSPI timing Table 39. DSPI timing No. Symbol Parameter Conditions Min Max Unit 1tSCK D DSPI cycle time Master (MTFE = 0) 62 — ns DSlave (MTFE = 0) 62 — D Slave Receive Only Mode1 16 — 2tCSC D PCS to SCK delay — 16 — ns 3tASC D After SCK delay — 16 — ns 4tSDC D SCK duty cycle — tSCK/2 - 10 tSCK/2 + 10 ns 5tA D Slave access time SS active to SOUT valid — 40 ns 6tDIS D Slave SOUT disable time SS inactive to SOUT High-Z or invalid — 10 ns 7tPCSC D PCSx to PCSS time — 13 — ns 8tPASC DPCSS to PCSx time — 13 — ns 9tSUI D Data setup time for inputs Master (MTFE = 0) 20 — ns Slave 2— Master (MTFE = 1, CPHA = 0) 5— Master (MTFE = 1, CPHA = 1) 20 — 10 tHI D Data hold time for inputs Master (MTFE = 0) –5 — ns Slave 4 — Master (MTFE = 1, CPHA = 0) 11 — Master (MTFE = 1, CPHA = 1) –5 — 11 tSUO D Data valid (after SCK edge) Master (MTFE = 0) — 4 ns Slave — 23 Master (MTFE = 1, CPHA = 0) — 12 Master (MTFE = 1, CPHA = 1) — 4 IRQ 1 2 3 |