| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC5643LF2MLQ1 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643LF2MLQ1 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 136 page ![]() Package pinouts and signal descriptions MPC5643L Microcontroller Data Sheet, Rev. 8.1 Freescale Semiconductor 51 T15 D[10] SIUL GPIO[58] GPIO[58] FlexPWM_0 A[0] A[0] eTimer_0 — ETC[0] T16 VDD_HV_IO_RING — T17 VSS_HV_IO_RING — U1 VSS_HV_IO_RING — U2 VSS_HV_IO_RING — U3 Not connected — U4 E[4] SIUL — GPIO[68] ADC_0 — AN[7] U5 C[2] SIUL — GPIO[34] ADC_0 — AN[3] U6 E[2] SIUL — GPIO[66] ADC_0 — AN[5] U7 B[9] SIUL — GPIO[25] ADC_0 ADC_1 —AN[11] U8 B[12] SIUL — GPIO[28] ADC_0 ADC_1 — AN[14] U9 VDD_HV_ADV — U10 VSS_HV_ADV — U11 E[11] SIUL — GPIO[75] ADC_1 — AN[4] U12 Not connected — U13 Not connected — U14 VDD_HV_PMU — U15 G[11] SIUL GPIO[107] GPIO[107] FlexRay DBG3 — FlexPWM_0 — FAULT[3] U16 VSS_HV_IO_RING — U17 VSS_HV_IO_RING — 1 V PP_TEST should always be tied to ground (VSS) for normal operations. Table 4. 257 MAPBGA pin function summary (continued) Pin # Port/function Peripheral Output function Input function |