Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

136114513 Datasheet(PDF) 12 Page - Tyco Electronics

No. de pieza 136114513
Descripción Electrónicos  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

136114513 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 136114513 Datasheet HTML 8Page - Tyco Electronics 136114513 Datasheet HTML 9Page - Tyco Electronics 136114513 Datasheet HTML 10Page - Tyco Electronics 136114513 Datasheet HTML 11Page - Tyco Electronics 136114513 Datasheet HTML 12Page - Tyco Electronics 136114513 Datasheet HTML 13Page - Tyco Electronics 136114513 Datasheet HTML 14Page - Tyco Electronics 136114513 Datasheet HTML 15Page - Tyco Electronics 136114513 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
12
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
D-SCE - 5K - 3.2 - 50 - S1- 4
Part numbering system
Color
Scoring (optional)
Sleeve length (mm)
Expanded inside diameter (mm)
Large packaging (optional)
Product family
D-SCE markers are used to identify wires and cables where
exposure to organic fluids, especially oils, is required. D-SCE
markers are designed to operate in these conditions at elevated
temperatures for extended periods of time, making them ideal in
aerospace, rail and construction industries. The D-SCE markers are
suitable for use in environments with temperatures of – 55°C to
+135°C (– 67°F to +275°F), and will provide strain relief,
insulation and protection from mechanical abuse. The 3:1 shrink
ratio markers* are assembled in a ladder format enabling sleeves to
be printed on both sides for maximum data content and
readability.
*See ordering description.
Features and benefits
I Resistance to organic fluids, common fuels, lubricants
and solvents
I 3:1 shrink ratio
I Wide range of sizes for several wire and bundle diameters
I Formulated for use in aerospace, rail and construction
equipment
I Dot matrix and thermal transfer printable — both print
technologies meet all specifications and approvals listed
Temperature rating
Operating temperature range
–55°C to +135°C
–67°F to +275°F
Minimum recovery temperature
+135°C
+275°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2519
TTDS-017
Military
SAE-AMS-DTL-23053/6, Class 1
(material and performance requirements)
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Industry
NF F 00 608 Category A and H
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
T312M (thermal transfer)
Tyco Electronics ribbon
1892BK04-RIBBON (dot matrix)
1966-RIBBON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com