| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SP516CF Datasheet(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP516CF Datasheet(HTML) 14 Page - Sipex Corporation |
|
14 / 21 page ![]() 14 SP516DS/02 SP516 20Mbps 7 Driver, 7 Reciver Multiprotocol Serial Transceiver © Copyright 2000 Sipex Corporation Figure 39. Receiver Enable and Disable Times Figure 40. V.28 (RS-232) and V.10 (RS-423) Driver Enable and Disable Times +3V 0V 5V RECEIVER OUT 0V 1.5V 1.5V tZL tZH RECEIVER OUT 1.5V 1.5V tLZ tHZ 0.5V 0.5V Output normally LOW Output normally HIGH VIL VIH DECx or RCVR Enable +3V 0V DECx or Tx_Enable 1.5V 1.5V tZL TOUT tLZ Output LOW 0V +3V 0V VOH 1.5V 1.5V tZH TOUT 0.5V tHZ Output HIGH 0V DECx or Tx_Enable VOL 0.5V 0.5V 0.5V |