Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP333CT Datasheet(PDF) 11 Page - Sipex Corporation

No. de pieza SP333CT
Descripción Electrónicos  5V Only RS-232/AppleTalk Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333CT Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP333CT Datasheet HTML 5Page - Sipex Corporation SP333CT Datasheet HTML 6Page - Sipex Corporation SP333CT Datasheet HTML 7Page - Sipex Corporation SP333CT Datasheet HTML 8Page - Sipex Corporation SP333CT Datasheet HTML 9Page - Sipex Corporation SP333CT Datasheet HTML 10Page - Sipex Corporation SP333CT Datasheet HTML 11Page - Sipex Corporation SP333CT Datasheet HTML 12Page - Sipex Corporation SP333CT Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TGoddard/SP333/9617R0
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2000 Sipex Corporation
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TI3
TXEN
RXEN
TX3
VCC
TX1
TX2
GND
C1+
V+
C2+
C1-
C2-
V-
SP333
TI2
TI1
SD
RS-232/Mac
RI5
RX5
RX4
RX3
RX2
RX1
RI4
RI3
RI2
RI1
+5V
5
0V
V
CC
25
9
12
10
0.1
µF
0.1
µF
14
26
11
13
0.1
µF
0.1
µF
Shutdown
RS-232/MacMode
TI1
TX1
27
6
T1
TI2
TX2
28
7
T2
TI3
TX3
1
4
T3
RX1
RI1
19
15
R1
RX2
RI2
20
16
R2
RX3
RI3
21
17
R3
RX4
RI4
22
18
R4
RX5
RI5
23
24
R5
RXEN
GND
3
8
+5V
5 V
CC
25
9
12
10
0.1
µF
0.1
µF
14
26
11
13
0.1
µF
0.1
µF
C2-
C2+
V+
V-
Shutdown
RS-232/MacMode
TI1
TX1
27
6
T1
TXEN
TX2
2
7
TI3
TX3
1
4
T3
RX1
19
R1
RI2 16
R3
RX3
RI3
21
17
RX5
RI5
23
24
R5
GND
3
8
RI1 15
PC Mode (RS-232)
Mac Mode (AppleTalk)
+5V
SP333
SP333
C2-
C2+
V+
V-
RXEN
SP333 PIN CONFIGURATION
SP333 TYPICAL OPERATING CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13