| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCOF2002A-FNMGD Datasheet(PDF) 6 Page - P-tec Corporation |
|
|
|||||||||||||||||||||||||||||
PCOF2002A-FNMGD Datasheet(HTML) 6 Page - P-tec Corporation |
|
6 / 13 page ![]() PAGE 6 OF 13 6. Optical Characteristics Item Symbol Condition Min Typ Max Unit (V)θ CR≥2 -20 - 35 deg View Angle (H)φ CR≥2 -30 - 30 deg Contrast Ratio CR - - 3 - - T rise - - - 250 ms Response Time T fall - - - 250 ms Definition of Operation Voltage (Vop) Definition of Response Time ( Tr , Tf ) Driving Voltage(V) Intensity Cr Max 100% Vop Selected Wave Non-selected Wave [positive type] Cr = Lon / Loff Intensity 90% 100% Tr 10% Tf Non-selected Conition Non-selected Conition Selected Conition [positive type] Conditions : Operating Voltage : Vop Viewing Angle(θ,φ) : 0°, 0° Frame Frequency : 64 HZ Driving Waveform : 1/N duty , 1/a bias Definition of viewing angle(CR≥2) θ f φ = 180° φ = 90° φ = 0° φ = 270° θ b θ r θ l |