Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A-MO-8-8-SFS-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

No. de pieza A-MO-8-8-SFS-R
Descripción Electrónicos  Modular Cable Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASSMANN [Assmann Electronics Inc.]
Página de inicio  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MO-8-8-SFS-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MO-8-8-SFS-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2011 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
A-MO-8/8-SFS-R
Modular Cable Plug - 8P8C, Flat cable, Shielded
Unit: MM
Material:
• Housing: Polycarbonate UL94V2
• Contact Blade: High Strength Copper Alloy
• 100 Micron Nickel underplated
• Plating type: 8% Phosphor Bronze
• Plating Thickness: 6—” Gold plated
• Operating Temperature: -40°C ~ 125°C
Electrical:
• Current Rating: 250V AC / Max @2.0A
• Dielectric: 500V AC
• Insulation Resistance: 500M
Complies with FCC68/F
MP8P8C F
0.56±0.05
Max 2.34
5.89±0.12
Min 12.32
22.50±0.20
2.77±0.10
6.10±0.07
3.25±0.13
ø1.0±0.05
9.50±0.10
11.68±0.10


Número de pieza similar - A-MO-8-8-SFS-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Assmann Electronics Inc...
A-MO-8-8-SFS ASSMANN-A-MO-8-8-SFS Datasheet
55Kb / 1P
Modular Cable Plug - 8P8C,
More results

Descripción similar - A-MO-8-8-SFS-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Assmann Electronics Inc...
A-MO-4-4-F50-R ASSMANN-A-MO-4-4-F50-R Datasheet
52Kb / 1P
Modular Cable Plug
A-MO-4-4-SF-R ASSMANN-A-MO-4-4-SF-R Datasheet
52Kb / 1P
Modular Cable Plug
A-MO-6-4-SF-R ASSMANN-A-MO-6-4-SF-R Datasheet
56Kb / 1P
Modular Cable Plug
A-MO-6-6-SF-R ASSMANN-A-MO-6-6-SF-R Datasheet
53Kb / 1P
Modular Cable Plug
A-MO-8-8-F50-R ASSMANN-A-MO-8-8-F50-R Datasheet
53Kb / 1P
Modular Cable Plug
A-MO-8-8-SRS-R ASSMANN-A-MO-8-8-SRS-R Datasheet
52Kb / 1P
Modular Cable Plug
A-MO-10-10-F50-R ASSMANN-A-MO-10-10-F50-R Datasheet
53Kb / 1P
Modular Cable Plug
A-MO-6-4-F50 ASSMANN-A-MO-6-4-F50 Datasheet
56Kb / 1P
Modular Cable Plug
A-MO-6-6-SR ASSMANN-A-MO-6-6-SR Datasheet
64Kb / 1P
Modular Cable Plug
A-MO-8-8-SR ASSMANN-A-MO-8-8-SR Datasheet
279Kb / 1P
Modular Cable Plug
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com