Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EN29PL032A Datasheet(PDF) 29 Page - Eon Silicon Solution Inc.

No. de pieza EN29PL032A
Descripción Electrónicos  32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EON [Eon Silicon Solution Inc.]
Página de inicio  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL032A Datasheet(HTML) 29 Page - Eon Silicon Solution Inc.

Back Button EN29PL032A Datasheet HTML 25Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 26Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 27Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 28Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 29Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 30Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29PL032A Datasheet HTML 33Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
29
EN29PL032A
Rev. B, Issue Date: 2010/12/27
15.8 Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the system to interrupt a sector erase operation and then
read data from, or program data to, any sector not selected for erasure. The sector address is required
when writing this command. This command is valid only during the sector erase operation. The Erase
Suspend command is ignored if written during the chip erase operation or Embedded Program
algorithm. Addresses are don’t-cares when writing the Sector Erase Suspend command.
When the Erase Suspend command is written during the sector erase operation, the device requires a
maximum of 20 µs to suspend the erase operation.
After the erase operation has been suspended, the device enters the erase-suspend-read mode. The
system can read data from or program data to any sector not selected for erasure. (The device “erase
suspends” all sectors selected for erasure.) Reading at any address within erase-suspended sectors
produces status information on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2 together, to
determine if a sector is actively erasing or is erase-suspended.
After an erase-suspended program operation is complete, the device returns to the erase-suspend-read
mode. The system can determine the status of the program operation using write operation status bits,
just as in the standard Word Program operation.
In the erase-suspend-read mode, the system can also issue the autoselect command sequence. Refer
to the Autoselect for details.
To resume the sector erase operation, the system must write the Erase Resume command (address
bits are don’t care). The address of the erase-suspended sector is required when writing this command.
Further writes of the Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
15.9 Program Suspend/Program Resume Commands
The Program Suspend command allows the system to interrupt an embedded programming operation
so that data can read from any non-suspended sector. When the Program Suspend command is written
during a programming process, the device halts the programming operation within 15 µs maximum (5
µs typical) and updates the status bits. Addresses are “don’t-cares” when writing the Program Suspend
command.
After the programming operation has been suspended, the system can read array data from any non-
suspended sector. The Program Suspend command may also be issued during a programming
operation while an erase is suspended. In this case, data may be read from any addresses not within a
sector in Erase Suspend or Program Suspend. If a read is needed from the Secured Silicon Sector area,
then user must use the proper command sequences to enter and exit this region.
The system may also write the autoselect command sequence when the device is in Program Suspend
mode. The device allows reading autoselect codes in the suspended sectors, since the codes are not
stored in the memory array. When the device exits the autoselect mode, the device reverts to Program
Suspend mode, and is ready for another valid operation. See “Autoselect Command Sequence” for
more information.
After the Program Resume command is written, the device reverts to programming. The system can
determine the status of the program operation using the write operation status bits, just as in the
standard program operation. See “Write Operation Status” for more information. The system must write
the Program Resume command (address bits are “don’t care”) to exit the Program Suspend mode and
continue the programming operation. Further writes of the Program Resume command are ignored.
Another Program Suspend command can be written after the device has resumed programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com