| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AP02002 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 51 page ![]() AP02002 Rev. 60 1 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated PACKAGE OUTLINE DIMENSIONS Surface Mount Packages X3-DFN0603-2 X3-DFN0603-2 Dim Min Max Typ A 0.27 0.35 0.30 A1 0.00 0.03 0.02 b 0.19 0.29 0.24 D 0.595 0.645 0.62 E 0.295 0.345 0.32 e - - 0.355 L 0.14 0.24 0.19 All Dimensions in mm X2-DFN0806-3 X2-DFN0806-3 Dim Min Max Typ A 0.375 0.40 0.39 A1 0 0.05 0.02 A3 - - 0.10 b 0.10 0.20 0.15 D 0.55 0.65 0.60 D1 0.35 0.45 0.40 E 0.75 0.85 0.80 E1 0.20 0.30 0.25 e - - 0.35 K - - 0.20 L 0.20 0.30 0.25 All Dimensions in mm A E D b (2X) L (2x) e A1 A A3 Seating Plane A1 D E b (2x) L (2x) e D1 E1 Pin#1 R0.075 K |
Número de pieza similar - AP02002_12 |
|
Descripción similar - AP02002_12 |