| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC4090 Datasheet(PDF) 39 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4090 Datasheet(HTML) 39 Page - Linear Technology |
|
39 / 52 page ![]() LTC4155 39 4155fc Table 30. Fault Interrupt Mask FAULT INTERRUPT MASK REG6 SUB ADDRESS 0x06 ENABLE_FAULT_INT DIRECTION Write and Readback INTERRUPT ENABLE STATUS D7 D6 D5 D4 D3 D2 D1 D0 Fault Interrupts Disabled* 0 Fault Interrupts Enabled 1 *Default. Interrupt triggered by any change in OVP_ACTIVE, BAD_CELL, OTG_ FAULT or NTC_HOT_FAULT. Any data written to sub address 0x06 has side effect of clearing any pending interrupt request. Table 31. External Power Available Interrupt Mask EXTERNAL POWER AVAILABLE INTERRUPT MASK REG6 SUB ADDRESS 0x06 ENABLE_EXTPWR_INT DIRECTION Write and Readback INTERRUPT ENABLE STATUS D7 D6 D5 D4 D3 D2 D1 D0 External Power Interrupts Disabled* 0 External Power Interrupts Enabled 1 *Default. Interrupt triggered by any change in USBSNSGD, WALLSNSGD, or EXTPWRGD. Any data written to sub address 0x06 has side effect of clearing any pending interrupt request. Table 32. USB On-The-Go Interrupt Mask USB On-The-Go INTERRUPT MASK REG6 SUB ADDRESS 0x06 ENABLE_OTG_INT DIRECTION Write and Readback INTERRUPT ENABLE STATUS D7 D6 D5 D4 D3 D2 D1 D0 USB On-The-Go Interrupts Disabled* 0 USB On-The-Go Interrupts Enabled 1 *Default. Interrupt triggered by any change in EN_BOOST, ID_DETECT. Any data written to sub address 0x06 has side effect of clearing any pending interrupt request. Table 33. Input Current Limit Interrupt Mask INPUT CURRENT LIMIT INTERRUPT MASK REG6 SUB ADDRESS 0x06 ENABLE_AT_ILIM_INT DIRECTION Write and Readback INTERRUPT ENABLE STATUS D7 D6 D5 D4 D3 D2 D1 D0 Input Current Limit Interrupts Disabled* 0 Input Current Limit Interrupts Enabled 1 *Default. Interrupt triggered by any change in AT_INPUT_ILIM. Any data written to sub address 0x06 has side effect of clearing any pending interrupt request. OPERATION |