Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC491 Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTC491
Descripción Electrónicos  20Mbps RS485 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology LTC491 Datasheet HTML 10Page - Linear Technology LTC491 Datasheet HTML 11Page - Linear Technology LTC491 Datasheet HTML 12Page - Linear Technology LTC491 Datasheet HTML 13Page - Linear Technology LTC491 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2859/LTC2861
10
285961fc
Driver
The driver provides full RS485 and RS422 compatibility.
When enabled, if DI is high, Y-Z is positive for the full
duplex device (LTC2861) and A-B is positive for the half-
duplex device (LTC2859).
When the driver is disabled, both outputs are high-
impedance. For the full duplex LTC2861, the leakage on
the driver output pins is guaranteed to be less than 10µA
over the entire common mode range of –7V to +12V. On
the half-duplex LTC2859, the impedance is dominated by
the receiver input resistance, RIN.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to
any voltage within the Absolute Maximum range of (VCC
–15V) to +15V. The maximum current in this condition
is 250mA. If the pin voltage exceeds about ±10V, current
limit folds back to about half of the peak value to reduce
overall power dissipation and avoid damaging the part.
The LTC2859/LTC2861 also feature thermal shutdown
protectionthatdisablesthedriver,terminator,andreceiver
in case of excessive power dissipation.
SLO Mode: Slew Limiting for EMI Emissions Control
TheLTC2859/LTC2861featurealogic-selectablereduced-
slew mode (SLO mode) that softens the driver output
edges to control the high frequency EMI emissions from
equipment and data cables. The reduced slew rate mode
is entered by taking the SLO pin low, where the data rate is
limited to about 250kbps. Slew limiting also mitigates the
adverse effects of imperfect transmission line termination
caused by stubs or mismatched cables.
Figures 8a and 8b show the LTC2861 driver outputs in
normal and SLO mode with their corresponding frequency
spectrums operating at 250kbps. SLO mode significantly
reduces the high frequency harmonics.
Figure 8a. Driver Output in Normal Mode
Driver Output at 125kHz into 100Ω Resistor
Frequency Spectrum of the Same Signal
Figure 8b. Driver Output in SLO Mode
Driver Output at 125kHz into 100Ω Resistor
Frequency Spectrum of the Same Signal
applicaTions inFormaTion
285961 F08a
Y, Z
Y–Z
2µs/DIV
1V/DIV
Y–Z
1.25MHz/DIV
10dB/DIV
285961 F08b
Y, Z
Y–Z
2µs/DIV
1V/DIV
Y–Z
1.25MHz/DIV
10dB/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com