| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A113K1CWCQ0Q Datasheet(PDF) 9 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
A113K1CWCQ0Q Datasheet(HTML) 9 Page - Tyco Electronics |
|
9 / 13 page ![]() C30 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, PC Tail, Straight or Right Angle, Long Bat Actuator SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT A101SDCQ Tyco Alcoswitch Tyco Alcoswitch Type Act. Code P. M5 Electronics Electronics Silver Contacts Gold Contacts 3-1437554-4 A101SD9AQ 3-1437554-3 A101SD9AB SPDT 1 On None On 6-1437554-4 A103SD9AQ A103SD9AB SPDT 5 On Off On 1-1437555-6 A108SD9AQ SPDT 1 On None (On) 3-1437555-8 A201SD9AQ A201SD9AB DPDT 2 On None On 8-1437555-1 A208SD9AQ A208SD9AB DPDT 2 On None (On) SPDT/DPDT A101SD9AQ Horizontal Actuation .040 (1.02) .028 (0.71) .480 (12.19) .280 (7.11) .030 (0.76) .155 (3.94) .500 (12.70) .270 (6.86) .358 (9.09) .185 (4.70 Keyway 1/4-40 NS EPOXY SEAL 25 ° .480 (12.19) .280 (7.11) .358 (9.09) .155 (3.94) 25 ° .500 (12.70) .453 (11.50) KEYWAY 1/4-40 NS EPOXY SEAL .030 (0.76) TYP. .185 (4.70) TYP. .050 (1.27) TYP. .040 (1.00) .190 (4.80) .050 (1.26) TYP. DPDT A201SDCQ .205 (5.21) .048 (1.22) .200 (5.08) .500 (12.7) .480 (12.19) .280 (7.11) .500 (12.70) .050 (1.27) Typ. .185 (4.70) Typ. .270 (6.86) .030 (0.76) .453 (11.50) .048 (1.22) .200 (5.08) .500 (12.70) Keyway .252 (6.40) 1.13 (28.6) Ref. Epoxy Seal .480 (12.19) .287 (7.30) .500 (12.70) .150 (3.81) .016 (1.40) .118 (3.00) Dia. .050 (1.27) Typ. .040 (1.00) .185 (4.70) Typ. .031 (0.80) Typ. A201SD9AQ Horizontal Actuation * Refer to Pages C22-C26 for Additional Options * Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 3-1437554-9 A101SDCQ SPDT 1 On None On 6-1437554-8 A103SDCQ SPDT 5 On Off On 1571670-1 A201SDCQ DPDT 2 On None On A203SDCQ DPDT 6 On Off On A208SDCQ DPDT 2 On None (On) |