Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC744LC3 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

No. de pieza HMC744LC3
Descripción Electrónicos  14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC744LC3 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC744LC3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC744LC3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC744LC3
v02.0312
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Evaluation PCB
the circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package gro-
und leads should be connected directly to the
ground plane similar to that shown. the exposed
packaged base should be connected to gNd. a
sufficient number of via holes should be used to
connect the top and bottom ground planes. the
evaluation circuit board shown is available from
Hittite upon request. install jumper on Jp1 to short
VR to Vcc for normal operation.
List of Materials for Evaluation PCB 122517 [1]
item
description
J1 - J6
pcB Mount SMa RF connectors
J7 - J9
dc pin
Jp1
Shorting Jumper
c1, c2
4.7 µF capacitor, tantalum
c3 - c5
100 pF capacitor, 0402 pkg.
R2
10 ohm Resistor, 0603 pkg.
U1
HMc744lc3
High Speed logic, Fanout Buffer
pcB [2]
122515 evaluation Board
[1] Reference this number when ordering complete evaluation pcB
[2] circuit Board Material: arlon 25FR or rogers 4350



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com