Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBW0540-G Datasheet(PDF) 4 Page - Comchip Technology

No. de pieza CDBW0540-G
Descripción Electrónicos  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW0540-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBW0540-G Datasheet HTML 1Page - Comchip Technology CDBW0540-G Datasheet HTML 2Page - Comchip Technology CDBW0540-G Datasheet HTML 3Page - Comchip Technology CDBW0540-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BB001
Comchip Technology CO., LTD.
Page 4
REV:B
SMD Schottky Barrier Diodes
SIZE
(inch)
0.132
(mm)
3.35
0.80
1.00
0.032
0.039
5.02
0.198
E
1.67
0.066
B
C
D
A
SD
Part Number
Marking Code
CDBW0520L-G
CDBW0530-G
CDBW0540-G
SE
SF
SOD-123
A
B
C
E
D
Suggested PAD Layout
Marking Code
XX
xx = Product type marking code
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
SOD-123



Html Pages

1 2 3 4