| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IL080-2-016X Datasheet(PDF) 2 Page - Ensign Corporation |
|
|
|||||||||||||||||||||||||||||
IL080-2-016X Datasheet(HTML) 2 Page - Ensign Corporation |
|
2 / 3 page ![]() Partial Selection Guide (Standard Stock) Over 365,000 additional Admiral Class (Lead Wires) model configurations available! Refer to the Part Numbering Scheme on the next page to configure your own part with following options: Primary: 120V, 120/240V, 240V, 100/110/120V, 200/220/240V, 120/220/240V, 100/120/200/220/240V Secondary: 5V to 240V, in 1V increments Frequency: 50/60Hz, or economy 60Hz-only With or without current or thermal protector(s) Temperature Class: 130 C, or 200C Sales Office : 300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com 35 Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty. Admiral Class — Lead Wires Part Number 115V Primary 115/230V Primary 230V Primary VA Series Secondary Parallel Secondary IL025-1-010X IL025-2-010X IL025-3-010X 25 10VCT @ 2.5A 5V @ 5.0A IL043-1-010X IL043-2-010X IL043-3-010X 43 10VCT @ 4.3A 5V @ 8.6A IL080-1-010X IL080-2-010X IL080-3-010X 80 10VCT @ 8.0A 5V @ 16.0A IL130-1-010X IL130-2-010X IL130-3-010X 130 10VCT @ 13.0A 5V @ 26.0A IL175-1-010X IL175-2-010X IL175-3-010X 175 10VCT @ 17.5A 5V @ 35.0A IL025-1-012X IL025-2-012X IL025-3-012X 25 12.6VCT @ 2.0A 6.3V @ 4.0A IL043-1-012X IL043-2-012X IL043-3-012X 43 12.6VCT @ 3.4A 6.3V @ 6.8A IL080-1-012X IL080-2-012X IL080-3-012X 80 12.6VCT @ 6.4A 6.3V @ 12.8A IL130-1-012X IL130-2-012X IL130-3-012X 130 12.6VCT @ 10.3A 6.3V @ 20.6A IL175-1-012X IL175-2-012X IL175-3-012X 175 12.6VCT @ 14.0A 6.3V @ 28.0A IL025-1-016X IL025-2-016X IL025-3-016X 25 16VCT @ 1.6A 8V @ 3.2A IL043-1-016X IL043-2-016X IL043-3-016X 43 16VCT @ 2.7A 8V @ 5.4A IL080-1-016X IL080-2-016X IL080-3-016X 80 16VCT @ 5.0A 8V @ 10.0A IL130-1-016X IL130-2-016X IL130-3-016X 130 16VCT @ 8.12A 8V @ 16.2A IL175-1-016X IL175-2-016X IL175-3-016X 175 16VCT @ 11.0A 8V @ 22.0A IL025-1-020X IL025-2-020X IL025-3-020X 25 20VCT @ 1.25A 10V @ 2.5A IL043-1-020X IL043-2-020X IL043-3-020X 43 20VCT @ 2.15A 10V @ 4.30A IL080-1-020X IL080-2-020X IL080-3-020X 80 20VCT @ 4.0A 10V @ 8.0A IL130-1-020X IL130-2-020X IL130-3-020X 130 20VCT @ 6.5A 10V @ 13.0A IL175-1-020X IL175-2-020X IL175-3-020X 175 20VCT @ 8.75A 10V @ 17.5A IL025-1-024X IL025-2-024X IL025-3-024X 25 24VCT @ 1.0A 12V @ 2.0A IL043-1-024X IL043-2-024X IL043-3-024X 43 24VCT @ 1.8A 12V @ 3.6A IL080-1-024X IL080-2-024X IL080-3-024X 80 24VCT @ 3.3A 12V @ 6.6A IL130-1-024X IL130-2-024X IL130-3-024X 130 24VCT @ 5.4A 12V @ 10.8A IL175-1-024X IL175-2-024X IL175-3-024X 175 24VCT @ 7.3A 12V @ 14.6A IL025-1-028X IL025-2-028X IL025-3-028X 25 28VCT @ 0.9A 14V @ 1.8A IL043-1-028X IL043-2-028X IL043-3-028X 43 28VCT @ 1.5A 14V @ 3.0A IL080-1-028X IL080-2-028X IL080-3-028X 80 28VCT @ 2.85A 14V @ 5.7A IL130-1-028X IL130-2-028X IL130-3-028X 130 28VCT @ 4.6A 14V @ 9.2A IL175-1-028X IL175-2-028X IL175-3-028X 175 28VCT @ 6.25A 14V @ 12.5A IL025-1-036X IL025-2-036X IL025-3-036X 25 36VCT @ 0.7A 18V @ 1.4A IL043-1-036X IL043-2-036X IL043-3-036X 43 36VCT @ 1.2A 18V @ 2.4A IL080-1-036X IL080-2-036X IL080-3-036X 80 36VCT @ 2.2A 18V @ 4.4A IL130-1-036X IL130-2-036X IL130-3-036X 130 36VCT @ 3.6A 18V @ 7.2A IL175-1-036X IL175-2-036X IL175-3-036X 175 36VCT @ 4.9A 18V @ 9.8A |