| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TIP42CL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP42CL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD TIP42C PNP PLANAR TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R203-007.E PNP EPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC TIP42C is a PNP epitaxial planar transistor, designed for using in general purpose amplifier and switching applications. FEATURES * Complement to TIP41C ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 TIP42CL-TA3-T TIP42CG-TA3-T TO-220 B C E Tube TIP42CL-TF3-T TIP42CG-TF3-T TO-220F B C E Tube TIP42CL-TN3-R TIP42CG-TN3-R TO-252 B C E Tape Reel TIP42CL-TN3-T TIP42CG-TN3-T TO-252 B C E Tube TIP42CL-TQ2-R TIP42CG-TQ2-R TO-263 B C E Tape Reel TIP42CL-TQ2-T TIP42CG-TQ2-T TO-263 B C E Tube |
Número de pieza similar - TIP42CL-TN3-R |
|
Descripción similar - TIP42CL-TN3-R |