Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HEF4066B Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza HEF4066B
Descripción Electrónicos  Quad single-pole single-throw analog switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4066B Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4066B Datasheet HTML 1Page - NXP Semiconductors HEF4066B Datasheet HTML 2Page - NXP Semiconductors HEF4066B Datasheet HTML 3Page - NXP Semiconductors HEF4066B Datasheet HTML 4Page - NXP Semiconductors HEF4066B Datasheet HTML 5Page - NXP Semiconductors HEF4066B Datasheet HTML 6Page - NXP Semiconductors HEF4066B Datasheet HTML 7Page - NXP Semiconductors HEF4066B Datasheet HTML 8Page - NXP Semiconductors HEF4066B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HEF4066B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 16 November 2011
4 of 16
NXP Semiconductors
HEF4066B
Quad single-pole single-throw analog switch
10. Static characteristics
10.1 Test circuit
Table 6.
Static characteristics
VSS = 0 V; VI = VSS or VDD unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = 40 C Tamb = 25 C
Tamb = 85 C Tamb = 125 C Unit
Min
Max
Min
Max
Min
Max
Min
Max
VIH
HIGH-level
input voltage
I
O < 1 A
5 V
3.5
-
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level
input voltage
I
O < 1 A
5 V
-
1.5
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
-
4.0
V
II
input leakage
current
15 V
-
0.1
-
0.1
-
1.0
-
1.0 A
IS(OFF)
OFF-state
leakage
current
per channel;
see Figure 4
15 V
-
-
-
200
-
-
-
-
nA
IDD
supply current all valid input
combinations
5 V
-
1.0
-
1.0
-
7.5
-
7.5
A
10 V
-
2.0
-
2.0
-
15.0
-
15.0
A
15 V
-
4.0
-
4.0
-
30.0
-
30.0
A
CI
input
capacitance
nE input
-
-
-
-
7.5
-
-
-
-
pF
Fig 4.
Test circuit for measuring OFF-state leakage current
001aak669
VO
VSS
nE
nZ
VIL
VDD
nY
VI
IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com