| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTA123YG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA123YG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA123Y PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-070.Ba DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTA123YL-AE3-R DTA123YG-AE3-R SOT-23 G I O Tape Reel Note: Pin Assignment: G: GND I: IN O: OUT MARKING |
Número de pieza similar - DTA123YG-AE3-R |
|
Descripción similar - DTA123YG-AE3-R |