| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT2340G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2340G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2340 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R502-162.C P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2340 is P-Channel enhancement mode Power MOSFET, designed in serried ranks with fast switching speed, low on-resistance and favorable stabilization. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing UT2340L-AE3-R UT2340G-AE3-R SOT-23 S G D Tape Reel MARKING BC0 L: Lead Free G: Halogen Free |
Número de pieza similar - UT2340G-AE3-R |
|
Descripción similar - UT2340G-AE3-R |