| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT3PP Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3PP Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3PP Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R218-009.c COMPOSITE TRANSISTORS UT3PP DESCRIPTION As a composite transistor with resistor, the UTC UT3PP is for switching application. FEATURES * Silicon Epitaxial Type * The Internal Tow Transistor Elements are Independent. SYMBOL 4 5 6 12 3 R1 R1 TR2 TR1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 UT3PPL-AL6-R UT3PPG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free, L: Lead Free UT3PPL-AL6-R (1)Packing Type (2)Package Type (3)Lead Free MARKING |
Número de pieza similar - UT3PP |
|
Descripción similar - UT3PP |