| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCR406 Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PCR406 Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD PCR406 SCR www.unisonic.com.tw 1 of 3 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R301-010,B SCRS DESCRIPTION The UTC PCR406 silicon controlled rectifiers are high performance planner diffused PNPN devices. These parts are intended for low cost high volume applications. TO-92 1 Lead-free: PCR406L Halogen-free:PCR406G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Halogen Free Package 1 2 3 Packing PCR406-5-x-T92-B PCR406L-5-x-T92-B PCR406G-5-x-T92-B TO-92 K G A Tape Box PCR406-5-x-T92-K PCR406L-5-x-T92-K PCR406G-5-x-T92-K TO-92 K G A Bulk PCR406-6-x-T92-B PCR406L-6-x-T92-B PCR406G-6-x-T92-B TO-92 K G A Tape Box PCR406-6-x-T92-K PCR406L-6-x-T92-K PCR406G-6-x-T92-K TO-92 K G A Bulk Note: Pin Assignment: K: Cathode G: Gate A: Anode |
Número de pieza similar - PCR406 |
|
Descripción similar - PCR406 |