| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTD114EG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTD114EG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTD114E NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-043,C NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing DTD114EL-AE3-R DTD114EG-AE3-R SOT-23 G I O Tape Reel DTD114EL-AL3-R DTD114EG-AL3-R SOT-323 G I O Tape Reel MARKING |
Número de pieza similar - DTD114EG-AE3-R |
|
Descripción similar - DTD114EG-AE3-R |