| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SD1802L-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD1802L-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SD1802 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R209-001.Ba HIGH CURRENT SWITCHING APPLICATION DESCRIPTION The UTC 2SD1802 applies to voltage regulators, relay drivers, lamp drivers and electrical equipment. FEATURES * Adoption of FBET, MBIT processes * Large current capacity and wide ASO * Low collector-to-emitter saturation voltage * Fast switching speed ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SD1802L-x-TM3-T 2SD1802G-x-TM3-T TO-251 B C E Tube 2SD1802L-x-TN3-T 2SD1802G-x-TN3-T TO-252 B C E Tube 2SD1802L-x-TN3-R 2SD1802G-x-TN3-R TO-252 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter |
Número de pieza similar - 2SD1802L-X-TN3-R |
|
Descripción similar - 2SD1802L-X-TN3-R |