Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZP51 Datasheet(PDF) 5 Page - Arizona Microtek, Inc

No. de pieza AZP51
Descripción Electrónicos  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZM [Arizona Microtek, Inc]
Página de inicio  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP51 Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZP51_12 Datasheet HTML 1Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 2Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 3Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 4Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 5Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 6Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 7Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 8Page - Arizona Microtek, Inc AZP51_12 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Arizona Microtek, Inc.
AZP51
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
May 2012, Rev 2.1
DUAL SUPPLY LVPECL OUTPUT TERMINATION
The standard LVPECL loads are a pair of 50
Ω resistors connected between the outputs and V
DD-2.0V (Figure 4). The
resistors provide both the DC and the AC loads, assuming 50
Ω interconnect. If an additional supply is available within the
application, a four resistor termination configuration is possible (Figure 5).
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
82
82
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
130
130
VDD (+3.3 V)
Figure 5 - Dual Supply Output Termination
THREE RESISTOR TERMINATION
Another termination variant eliminates the need for the additional supply (Figure 6). Alternately three resistors and
one capacitor accomplish the same termination and reduce power consumption.
VDD (+3.3 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
50
50
21.1mA - High
5.1mA - Low
External
Circuitry
Output
Stage
50
0.01µF
Figure 6 - Three Resistor Termination



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com