Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6411FDFN Datasheet(PDF) 32 Page - Renesas Technology Corp

No. de pieza R5F6411FDFN
Descripción Electrónicos  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFN Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F6411FDFN Datasheet HTML 28Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 29Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 30Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 31Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 32Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 33Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 34Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 35Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 32 of 99
Sep 26, 2011
R32C/111 Group
2. Central Processing Unit (CPU)
2.1
General Purpose Registers
2.1.1
Data Registers (R2R0, R3R1, R6R4, and R7R5)
These 32-bit registers are primarily used for transfers and arithmetic/logic operations.
Each of the registers can be divided into upper and lower 16-bit registers, e.g. R2R0 can be divided into
R2 and R0, R3R1 can be divided into R3 and R1, etc.
Moreover, data registers R2R0 and R3R1 can be divided into four 8-bit data registers: upper (R2H and
R3H), mid-upper (R2L and R3L), mid-lower (R0H and R1H), and lower (R0L and R1L).
2.1.2
Address Registers (A0, A1, A2, and A3)
These 32-bit registers have functions similar to data registers. They are also used for address register
indirect addressing and address register relative addressing.
2.1.3
Static Base Register (SB)
This 32-bit register is used for SB relative addressing.
2.1.4
Frame Base Register (FB)
This 32-bit register is used for FB relative addressing.
2.1.5
Program Counter (PC)
This 32-bit counter indicates the address of the instruction to be executed next.
2.1.6
Interrupt Vector Table Base Register (INTB)
This 32-bit register indicates the start address of a relocatable vector table.
2.1.7
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
Two types of 32-bit stack pointers (SPs) are provided: user stack pointer (USP) and interrupt stack
pointer (ISP).
Use the stack pointer select flag (U flag) to select either the user stack pointer (USP) or the interrupt
stack pointer (ISP). The U flag is bit 7 in the flag register (FLG). Refer to 2.1.8 “Flag Register (FLG)” for
details.
To minimize the overhead of interrupt sequence due to less memory access, set the user stack pointer
(USP) or the interrupt stack pointer (ISP) to a multiple of 4.
2.1.8
Flag Register (FLG)
This 32-bit register indicates the CPU status.
2.1.8.1
Carry Flag (C flag)
This flag retains a carry, borrow, or shifted-out bit generated by the arithmetic logic unit (ALU).
2.1.8.2
Debug Flag (D flag)
This flag is only for debugging. Only set this bit to 0.
2.1.8.3
Zero Flag (Z flag)
This flag becomes 1 when the result of an operation is 0; otherwise it is 0.
2.1.8.4
Sign Flag (S flag)
This flag becomes 1 when the result of an operation is a negative value; otherwise it is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com