Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F64112DFB Datasheet(PDF) 65 Page - Renesas Technology Corp

No. de pieza R5F64112DFB
Descripción Electrónicos  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 61Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 62Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 63Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 64Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 65Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 66Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 67Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 68Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 65 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.2
Ripple Waveform
Table 5.6
Operating Conditions (5/5)
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
Vr(VCC1)
Allowable ripple voltage
VCC1 = 5.0 V
0.5
Vp-p
VCC1 = 3.0 V
0.3
Vp-p
Vr(VCC2)
Allowable ripple voltage
VCC2 = 5.0 V
0.5
Vp-p
VCC2 = 3.0 V
0.3
Vp-p
dVr(VCC1)/dt Ripple voltage gradient
VCC1 = 5.0 V
±0.3
V/ms
VCC1 = 3.0 V
±0.3
V/ms
dVr(VCC2)/dt Ripple voltage gradient
VCC2 = 5.0 V
±0.3
V/ms
VCC2 = 3.0 V
±0.3
V/ms
fr(VCC1)
Allowable ripple frequency
10
kHz
fr(VCC2)
Allowable ripple frequency
10
kHz
or
1 / fr(VCC1)
Vr(VCC1)
1 / fr(VCC2)
Vr(VCC2)
or
or
VCC1
VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com