Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F64112NFB Datasheet(PDF) 64 Page - Renesas Technology Corp

No. de pieza R5F64112NFB
Descripción Electrónicos  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112NFB Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R5F64112NFB Datasheet HTML 60Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 61Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 62Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 63Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 64Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 65Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 66Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 67Page - Renesas Technology Corp R5F64112NFB Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 64 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.1
Clock Cycle Time
Table 5.5
Operating Conditions (4/5)
(VCC1 =VCC2 = 3.0 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
f(XIN)
Main clock oscillator frequency
416
MHz
f(XRef)
Reference clock frequency
24
MHz
f(PLL)
PLL clock oscillator frequency
96
128
MHz
f(Base)
Base clock frequency
50
MHz
tc(Base)
Base clock cycle time
20
ns
f(CPU)
CPU operating frequency
50
MHz
tc(CPU)
CPU clock cycle time
20
ns
f(BCLK)
Peripheral bus clock operating frequency
25
MHz
tc(BCLK)
Peripheral bus clock cycle time
40
ns
f(PER)
Peripheral clock source frequency
32
MHz
f(XCIN)
Sub clock oscillator frequency
32.768
62.5
kHz
Base clock
(internal signal)
t c(Base)
Peripheral bus clock
(internal signal)
t c(BCLK)
CPU clock
(internal signal)
t c(CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com