Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLE7250G Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza TLE7250G
Descripción Electrónicos  High Speed CAN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7250G Datasheet HTML 1Page - Infineon Technologies AG TLE7250G Datasheet HTML 2Page - Infineon Technologies AG TLE7250G Datasheet HTML 3Page - Infineon Technologies AG TLE7250G Datasheet HTML 4Page - Infineon Technologies AG TLE7250G Datasheet HTML 5Page - Infineon Technologies AG TLE7250G Datasheet HTML 6Page - Infineon Technologies AG TLE7250G Datasheet HTML 7Page - Infineon Technologies AG TLE7250G Datasheet HTML 8Page - Infineon Technologies AG TLE7250G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PG-DSO-8
Type
Package
Marking
TLE7250G
PG-DSO-8
7250G
Data Sheet
3
Rev. 1.0, 2012-03-01
High Speed CAN Transceiver
TLE7250G
1Overview
Features
Fully compliant with ISO 11898-2
Wide common mode range for electromagnetic immunity (EMI)
Very low electromagnetic emission (EME)
Excellent ESD immunity
CAN short-circuit proof to ground, battery and VCC
TxD time-out function
Low CAN bus leakage current in power-down state
Overtemperature protection
Protected against automotive transients
CAN data transmission rate up to 1 Mbps
Green Product (RoHS-compliant)
AEC Qualified
Description
The TLE7250G is a transceiver designed for High Speed CAN networks in automotive and industrial applications.
As an interface between the physical bus layer and the CAN protocol controller, the TLE7250G drives the signals
to the bus and protects the microcontroller against interferences generated within the network. Based on the high
symmetry of the CANH and CANL signals, the TLE7250G provides a very low level of electromagnetic emission
(EME) within a wide frequency range. The TLE7250G is integrated in a RoHS compliant PG-DSO-8 package and
fulfills or exceeds the requirements of ISO 11898-2.
As a successor to the first generation of HS CAN transceivers, the pin assignment and function of the TLE7250G
is fully compatible with its predecessor model, the TLE6250G. The TLE7250G is optimized to provide an excellent
passive behavior in the power-down state. This feature makes the TLE7250G extremely suitable for mixed supply
CAN networks.
Based on the Infineon Smart Power Technology SPT, the TLE7250G provides excellent ESD immunity together
with a very high electromagnetic immunity (EMI). The Infineon Smart Power Technology SPT allows bipolar and
CMOS control circuitry in accordance with DMOS power devices to exist on the same monolithic circuit. The
TLE7250G and the Infineon SPT technology are AEC qualified and tailored to withstand the harsh conditions of
the Automotive Environment.
Three different operating modes, additional fail-safe features like TxD time-out and the optimized output slew rates
on the CANH and CANL signals make the TLE7250G the ideal choice for large CAN networks with high data
transmission rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com