Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PRSB6.8D Datasheet(PDF) 4 Page - Protek Devices

No. de pieza PRSB6.8D
Descripción Electrónicos  LOW CAPACITANCE TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8D Datasheet(HTML) 4 Page - Protek Devices

  PRSB6.8D Datasheet HTML 1Page - Protek Devices PRSB6.8D Datasheet HTML 2Page - Protek Devices PRSB6.8D Datasheet HTML 3Page - Protek Devices PRSB6.8D Datasheet HTML 4Page - Protek Devices PRSB6.8D Datasheet HTML 5Page - Protek Devices PRSB6.8D Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05297.R4 3/11
Page 4
PRSB6.8D
SoD-923 Package inFoRMation
outline DiMenSionS
DiM
MilliMeteRS
incheS
Min
MaX
Min
MaX
A
0.75
0.85
0.030
0.033
B
0.55
0.65
0.022
0.026
C
0.95
1.05
0.037
0.041
D
0.34
0.40
0.013
0.016
E
0.07
0.17
0.003
0.007
F
0.20
0.008
noteS
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: millimeters.
3. Dimensions are exclusive of mold flash and metal burrs.
C
A
B
F
C
D
E
A
B
C
PaD layout DiMenSionS
DiM
MilliMeteRS
incheS
Min
MaX
Min
MaX
A
1.10
1.30
0.043
0.051
B
0.20
0.30
0.008
0.012
C
0.30
0.40
0.012
0.016
noteS
1. Controlling dimension: millimeters



Html Pages

1 2 3 4 5 6