Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PAM07DF23K24 Datasheet(PDF) 4 Page - Protek Devices

No. de pieza PAM07DF23K24
Descripción Electrónicos  3000 WATT TVS COMPONENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM07DF23K24 Datasheet(HTML) 4 Page - Protek Devices

  PAM07DF23K24 Datasheet HTML 1Page - Protek Devices PAM07DF23K24 Datasheet HTML 2Page - Protek Devices PAM07DF23K24 Datasheet HTML 3Page - Protek Devices PAM07DF23K24 Datasheet HTML 4Page - Protek Devices PAM07DF23K24 Datasheet HTML 5Page - Protek Devices PAM07DF23K24 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05370.R0 2/12
Page 4
PAM07DF23K24
DFn-2-3Kw PACKAge inFoRMAtion
outline DiMenSionS
DiM
MilliMeteRS
inCheS
Min
MAX
Min
MAX
A
5.44
5.64
0.214
0.222
B
6.45
6.65
0.248
0.262
C
1.16
1.32
0.046
0.052
E
0.66
0.86
0.026
0.034
F
1.93
2.13
0.076
0.084
G
3.91
4.11
0.154
0.162
H
4.27
4.37
0.168
0.172
noteS
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: millimeters.
3. Dimensions are exclusive of mold flash and metal burrs.
A
B
G
E
F
TOP
BOTTOM
H
C
Polarity Band



Html Pages

1 2 3 4 5 6