Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PA5750 Datasheet(PDF) 10 Page - Protek Devices

No. de pieza PA5750
Descripción Electrónicos  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 10 Page - Protek Devices

Back Button PA5750 Datasheet HTML 6Page - Protek Devices PA5750 Datasheet HTML 7Page - Protek Devices PA5750 Datasheet HTML 8Page - Protek Devices PA5750 Datasheet HTML 9Page - Protek Devices PA5750 Datasheet HTML 10Page - Protek Devices PA5750 Datasheet HTML 11Page - Protek Devices PA5750 Datasheet HTML 12Page - Protek Devices PA5750 Datasheet HTML 13Page - Protek Devices PA5750 Datasheet HTML 14Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
10
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.1 Chip Control and Power Management
6.1.1. Register0 - Chip Control 1, Default 0000 0110
Bit Name
Bit
Description
SCPReset
7
0 – Normal (Default).
1 – Reset control Port Register to Default.
LRCM
6
0 – ALRCK disabled when both ADC disabled; DLRCK disabled when both DAC disabled (default).
1 – ALRCK and DLRCK disabled when all ADC and DAC disabled.
DACMCLK
5
0 – when SameFs-1, ADCMCLK is the chip master clock source (default).
1 – when SameFs=1, DACMCLK is the chip master clock source.
SameFs
4
0 – ADC Fs differs from DAC Fs (default).
1 – ADC Fs is the same as DAC Fs.
SeqEn
3
0 – internal up/down sequence disable (default)
1 – internal up/down sequence enable.
EnRef
2
0 – disable reference.
1 – enable reference (default).
VMIDSEL
1:0
00 – VMID disabled.
01 – 50kΩ divider enabled.
10 – 500kΩ divider enabled (default).
11 – 5 kΩ divider enabled.
6.1.2. Register1 – Chip Control 2, Default 0001 1100
Bit Name
Bit
Description
TSDEN
7
0 – thermal shutdown disabled (default).
1 – thermal shutdown enabled.
PdnOC
6
0 – over current shutdown disabled (default).
1 – over current shut down enabled.
LPVcmMOD
5
0 – normal (default).
1 – low power.
LPVrefBuf
4
0 – normal.
1 – low power (default).
PdnAna
3
0 – normal.
1 – entire analog power down (default).
Pdanlbiasgen
2
0 – normal.
1 – ibiasgen power down(default).
VrefLo
1
0 – normal (default).
1 – low power.
PdnVrefbuf
0
0 – normal (default).
1 – low power.
6.1.3. Register2 – Chip Power Management, Default 1100 0011.
Bit Name
Bit
Description
adc_DigPDN
7
0 – normal.
1 – resets ADC DEM, filter and serial DATA port (default).
dac_DigPDN
6
0 – normal.
1 – resets DAC DSM, DEM, filter and serial DATA port (default).
adc_stm_rst
5
0 – normal (default).
1 – reset ADC state machine to power down state.
dac_stm_rst
4
0 – normal (default).
1 – reset DAC state machine to power down state.
ADCDLL_PDN
3
0 – normal (default).
1 – ADC_DLL power down, stop ADC clock.
DACDLL_PDN
2
0 – normal (default).
1 – DAC_DLL power down, stop DAC clock
adcVref_PDN
1
0 – ADC analog reference power up.
1 – ADC analog reference power down (default).
dacVref_PDN
0
0 – DAC analog reference power up.
1 – DAC analog reference power down (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com