Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSMF05LC Datasheet(PDF) 4 Page - Protek Devices

No. de pieza MSMF05LC
Descripción Electrónicos  MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF05LC Datasheet(HTML) 4 Page - Protek Devices

  MSMF05LC_11 Datasheet HTML 1Page - Protek Devices MSMF05LC_11 Datasheet HTML 2Page - Protek Devices MSMF05LC_11 Datasheet HTML 3Page - Protek Devices MSMF05LC_11 Datasheet HTML 4Page - Protek Devices MSMF05LC_11 Datasheet HTML 5Page - Protek Devices MSMF05LC_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05222.R4 3/11
Page 4
MSMF05LC
Sot-553 PaCkaGe inFoRMation
A
B
D
G
J
C
K
S
1
A
B
D
C
E
outLine DiMenSionS
DiM
MiLLiMeteRS
inCheS
Min
MaX
Min
MaX
A
1.50
1.70
0.059
0.067
B
1.10
1.30
0.043
0.051
C
0.50
0.60
0.020
0.024
D
0.17
0.27
0.007
0.011
G
0.50 BSC
0.020 BSC
J
0.08
0.18
0.003
0.007
K
0.10
0.30
0.004
0.012
S
1.50
1.70
0.059
0.067
noteS
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PaD Layout DiMenSionS
DiM
MiLLiMeteRS
inCheS
noMinaL
noMinaL
A
1.40
0.055
B
1.02
0.040
C
0.30
0.012
D
0.51
0.020
E
0.51
0.020
noteS
1. Controlling dimension: inches.



Html Pages

1 2 3 4 5 6