| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VT-802 Datasheet(PDF) 1 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
VT-802 Datasheet(HTML) 1 Page - Vectron International, Inc |
|
1 / 5 page ![]() Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com VT-802 Temperature Compensated Crystal Oscillator Vectron’s VT-802 Temperature Compensated Crystal Oscillator (TCXO) is a quartz stabilized, CMOS output, analog temperature compensated oscillator, operating off either 2.5 or 3.3 volt supply in a hermetically sealed 5.0x3.2 ceramic package. CMOS Output • Low Power • Output Frequencies to 50 MHz • Low Jitter Fundamental Crystal Design • Hermetically Sealed Ceramic SMD package • Product is compliant to RoHS directive • and fully compatible with lead free assembly WiMAX, Wi-Fi,Wi-LAN • Wireless Communications • Base Stations • Point to point radios • Broadband Access • Features Applications Block Diagram Description VT-802 Page1 V DD Output Enable/Disable Gnd Analog Temperature Comp. Crystal |
Número de pieza similar - VT-802_12 |
|
Descripción similar - VT-802_12 |