Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2015446-2 Datasheet(PDF) 5 Page - Tyco Electronics

No. de pieza 2015446-2
Descripción Electrónicos  Quad Small Form- factor Pluggable (QSFP) Products
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2015446-2 Datasheet(HTML) 5 Page - Tyco Electronics

  2015446-2 Datasheet HTML 1Page - Tyco Electronics 2015446-2 Datasheet HTML 2Page - Tyco Electronics 2015446-2 Datasheet HTML 3Page - Tyco Electronics 2015446-2 Datasheet HTML 4Page - Tyco Electronics 2015446-2 Datasheet HTML 5Page - Tyco Electronics 2015446-2 Datasheet HTML 6Page - Tyco Electronics 2015446-2 Datasheet HTML 7Page - Tyco Electronics 2015446-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Quad Small Form-factor Pluggable
(QSFP) Products continued
Part Number
Port
Heatsink
Max height
Lightpipe
Configuration
of heatsink
above PCB
Cage Kits
2057042-1
1x3
PCI
13.7 mm
included
2057042-2
1x3
SAN
16.0 mm
included
2057042-3
1x3
Networking
23.0 mm
included
2007456-1
1x3
PCI
13.7 mm
none
2007456-2
1x3
SAN
16.0 mm
none
2007456-3
1x3
Networking
23.0 mm
none
2007473-1
1x3
none
-
option for lightpipe attach-
ment (sold separately)
2007474-1
1x3
none
-
none
2057183-1
1x4
PCI
13.7 mm
included
2057183-2
1x4
SAN
16.0 mm
included
2057183-3
1x4
Networking
23.0 mm
included
2007625-1
1x4
PCI
13.7 mm
none
2007625-2
1x4
SAN
16.0 mm
none
2007625-3
1x4
Networking
23.0 mm
none
2007668-1
1x4
none
-
option for lightpipe attach-
ment (sold separately)
2007667-1
1x4
none
-
none
Dual Lightpipe
2007477-3
Recommended
other lightpipe options
LED height:
available
0.8 - 1.1 mm
Ganged QSFP Cages:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com